Part Number Hot Search : 
RC120 VDZ20B MA188 3N50E M12864 U2640B XCV400 SGSIF444
Product Description
Full Text Search
 

To Download 2SD1857A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD2211 / 2SD1918 / 2SD1857A
Transistors
Power Transistor (160V , 1.5A)
2SD2211 / 2SD1918 / 2SD1857A
!Features 1) High breakdown voltage.(BVCEO = 160V) 2) Low collector output capacitance. (Typ. 20pF at VCB = 10V) 3) High transition frequency.(fT = 80MHZ) 4) Complements the 2SB1275 / 2SB1236A. !External dimensions (Units : mm)
2SD2211
1.0
1.5 0.4
(1)
4.0 2.5 0.5
3.0
0.5
(3)
1.5 0.4
1.5
4.5
1.6
(2)
ROHM : MPT3 EIAJ : SC-62
(1) Base(Gate) (2) Collector(Drain) (3) Emitter(Source)
!Absolute maximum ratings (Ta = 25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current 2SD1857A Collector power dissipation 2SD2211 2SD1918 Tj Tstg PC Symbol VCBO VCEO VEBO IC Limits 160 160 5 1.5 3 1 2 1 10 150 -55 +150 Unit
0.75
V V V A(DC) A(Pulse) W W W(Tc=25C) C C
1 2 3
2SD1918
5.5 1.5
(3) (2) (1)
2.3
0.9
0.4
0.9
0.65 2.3
1.0 0.5
0.5
1.5 2.5 9.5
Junction temperature Storage temperature
2.3
0.8Min.
5.1 6.5
C0.5
1 Single pulse Pw=100ms 2 Printed circuit board 1.7mm thick, collector plating 1cm2 or larger. 3 When mounted on a 40 x 40 x 0.7mm ceramic board.
ROHM : CPT3 EIAJ : SC-63
(1) Base(Gate) (2) Collector(Drain) (3) Emitter(Source)
2SD1857A
6.8 2.5
!Packaging specifications and hFE
0.65Max.
1.0
0.9
Type Package hFE Marking Code Basic ordering unit (pieces)
* Denotes hFE
2SD2211 MPT3 QR DQ* T100 1000
2SD1918 2SD1857A CPT3 Q - TL 2500 ATV PQ - TV2 2500
(1) (2) (3) 2.54 2.54
0.5
1.05
14.5
4.4
0.45
Taping specifications
ROHM : ATV
(1) Emitter (2) Collector (3) Base
!Electrical characteristics (Ta = 25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage Base-emitter saturation voltage DC current 2SD2211,2SD1918 hFE 2SD1857A fT Cob Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) VBE(sat) Min. 160 160 5
- - - -
Typ.
- - - - - - - - -
Max.
- - -
Unit V V V A A V V
- -
Conditions IC = 50A IC = 1mA IE = 50A VCB = 120V VEB = 4V IC/IB = 1A/0.1A IC/IB = 1A/0.1A VCE/IC = 5V/0.1A VCE = 5V , IE = -0.1A , f = 30MHz VCB = 10V , IE = 0A , f = 1MHz
1 1 2 1.5 390 270
- -

120 82
- -
transfer ratio
Transition frequency
Output capacitance
Measured using pulse current.
80 20
MHz pF


▲Up To Search▲   

 
Price & Availability of 2SD1857A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X